Part Number Hot Search : 
2AXXX SPLCG810 DG428 TLE7729 MTEZ515A HPR105 1SS40 APX91
Product Description
Full Text Search
 

To Download FO1001PS7P05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
Glenair ASAP Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
D38999 Series III to D38999 Series III
PRODUCT FEATURES
FEP (High-Temperature Teflon), PEEK (Halogen Free, Lightweight) and Metal-Core (EMI and Crush Proof) Versions Nine Standard Material Packages Shielded and Un-Shielded Designs Single and Multimode Fiber Media D38999 Series III Connectors in Aluminum, Composite or Stainless Steel Plug, Jam-Nut Receptacle, In-Line and WallMount Receptacle Configurations Military Standard Dust Caps MIL-PRF-29504 Qualified Termini Multichannel Capability: From 2 to 37 Channels
Flexible, Lightweight, Crush Resistant--Everything You've Always Wanted in a Fiber Optic Cable
The turnkey assembly includes fiber optic wiring, MIL-DTL-38999 Style Connectors, MIL-PRF29504 Termini, Mil-Spec Dust-Caps, Conduit Adapter, customer specified marking and labeling and your choice of conduit materials and jacketing, including the following configurations:
TABLE I: CONDUIT MATERIALS PACKAGING Symbol
A B C D E F G H J
Standard Conduit Packaging
Conduit Materials Package Description
FEP (Teflon(R)) Convoluted Tubing Only; Standard Wall Thickness, Standard Convolutes PEEK Convoluted Tubing Only; Halogen Free, Light Weight FEP Convoluted Tubing with Black Dacron Outer Braided Covering PEEK Convoluted Tubing with Black Dacron Outer Braided Covering FEP Convoluted Tubing with Neoprene Jacket and Black Dacron Outer Braided Covering PEEK Convoluted Tubing with Neoprene Jacket and Black Dacron Outer Braided Covering FEP Convoluted Tubing with Tin Copper Shielding, Neoprene Jacket and Black Dacron Outer Braided Covering PEEK Convoluted Tubing with Tin Copper Shielding, Neoprene Jacket and Black Dacron Outer Braided Covering Brass Metal-Core Conduit, Bronze Braid and Neoprene Jacket Consult Factory for Other Available Material Types
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-36
Glenair ASAP Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
D38999 Series III to D38999 Series III
CONNECTOR END
A
CONNECTOR END
B
LENGTH
L
Reference Part Number Development: FO1001 P 06 P 06 J 04 62 100 G L
Basic Part Number A Terminus Type P = Pin Terminus S = Socket Terminus A Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) B Terminus Type P = Pin Terminus S = Socket Terminus B Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) Connector Class F = Aluminum, Electroless Nickel Plating J = Composite, Olive Drab Cadmium Plating K = Stainless Steel, Passivated M = Composite, Electroless Nickel Plating W = Aluminum, Olive Drab Cadmium Plating Protective Covers L = Less Covers Omit for with Covers Conduit Materials Package (Table I) Length in Feet Fiber Size 09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode Number of Fibers* 02 = 2 Fibers (Shell Size 11) 04 = 4 Fibers (Shell Size 13) 05 = 5 Fibers (Shell Size 15) 08 = 8 Fibers (Shell Size 17) 11 = 11 Fibers (Shell Size 19) 16 = 16 Fibers (Shell Size 21) 21 = 21 Fibers ( Shell Size 23) 29 = 29 Fibers (Shell Size 25) 37 = 37 Fiber (Shell Size 25)
See Table I for Standard Conduit Materials Packages. Please Reference Special Marking, Labels Or Other Identification Specifications on Your Purchase Order
*See Page B-10 for Insert Arrangements. Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
(c) 2006 Glenair, Inc. www.glenair.com CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-37
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of FO1001PS7P05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X